PART |
Description |
Maker |
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
MM74HC175SJX MM74HC175SJXNL |
Quad D-Type Flip-Flop with Clear; Package: SOP; No of Pins: 16; Container: Tape & Reel HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Quad D-Type Flip-Flop with Clear HC/UH SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16
|
Fairchild Semiconductor, Corp.
|
CD40175BMS FN3360 |
CMOS Quad D Type Flip-Flop(CMOS D触发 的CMOSD型触发器触发器的CMOS四) CMOS Quad ‘D’ Type Flip-Flop From old datasheet system CMOS Quad ??Type Flip-Flop CMOS Quad ‘D Type Flip-Flop
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
100351QC 100351 100351SC 100351PC 100351QI 100351Q |
From old datasheet system Low Power Hex D-Type Flip-Flop Hex D-Type Flip-Flop 100K SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LVX273MTC 74LVX273SJ 74LVX273 74LVX273M 74LVX273 |
Low Voltage Octal D-Type Flip-Flop; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel LV/LV-A/LVX/H SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CD40174BC CD40174BCM CD40174BCN CD40175BCM CD40175 |
Hex D-Type Flip-Flop ・ Quad D-Type Flip-Flop Hex D-Type Flip-Flop Quad D-Type Flip-Flop
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LVX374DWR2 MC74LVX374DWR2G MC74LVX374MG 74LVX3 |
Octal D-Type Flip-Flop with 3-State Outputs; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LV/LV-A/LVX/H SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal D-Type Flip-Flop with 3-State Outputs With 5V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
74ACTQ574PC 74ACQ574 74ACQ574PC 74ACQ574SC 74ACQ57 |
Quiet Series Octal D Flip-Flop with 3-STATE Outputs Quiet SeriesOctal D-Type Flip-Flop with 3-STATE Outputs 18-Bit LVTTL-to-GTLP Bus Transceiver with Source Synchronous Clock Outputs 56-TSSOP -40 to 85 Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs Quiet Series⑩ Octal D-Type Flip-Flop with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
74F175 74F175SC 74F175SJ |
Quad D-Type Flip-Flop
|
Fairchild Semiconductor
|
TC40H175F TC40H175P |
Quad D-Type Flip-Flop
|
Toshiba
|
74AUP1G80 74AUP1G80GW 74AUP1G80GW125 74AUP1G80GM 7 |
Low-power D-type flip-flop; positive-edge trigger; Package: SOT353-1 (TSSOP5); Container: Reel Pack, Reverse, Reverse AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO5
|
NXP Semiconductors N.V.
|